Part Number Hot Search : 
9962A TDSL110 00110 51007 C5193 OPB750N M54523 30C45
Product Description
Full Text Search
 

To Download N74F640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74F640 Octal bus transceiver, inverting (3-State)
Product specification IC15 Data Handbook 1989 Nov 27
Philips Semiconductors
Philips Semiconductors
Product specification
Octal bus transceiver, inverting (3-State)
74F640
FEATURES
* High-impedance NPN base inputs for reduced loading
(70A in High and Low states)
PIN CONFIGURATION
T/R 1 A0 A1 A2 A3 A4 A5 A6 2 3 4 5 6 7 8 9 20 VCC 19 OE 18 B0 17 B1 16 B2 15 B3 14 B4 13 B5 12 B6 11 B7
* Ideal for applications which require high-output drive and minimal
bus loading
* Inverting version of 74F245 * Octal bidirectional bus interface * 3-State outputs sink 64mA and source 15mA
DESCRIPTION
The 74F640 is an octal transceiver featuring inverting 3-State bus compatible outputs in both transmit and receive directions. The B port outputs are capable of sinking 64mA and sourcing 15mA, providing very good capacitive drive characteristics. The device features an Output Enable (OE) input for easy cascading and Transmit/Receiver (T/R) input for direction control. The 3-State outputs, B0-B7, have been designed to prevent output bus loading if the power is removed from the device.
A7
GND 10
SF00198
TYPE 74F640
TYPICAL PROPAGATION DELAY 3.5ns
TYPICAL SUPPLY CURRENT (TOTAL) 78mA
ORDERING INFORMATION
DESCRIPTION 20-pin plastic DIP 20-pin plastic SOL COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F640N N74F640D PKG DWG # SOT146-1 SOT163-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS A0 - A7, B0 - B7 OE T/R A0 - A7 B0 - B7 Data inputs Output Enable input (active Low) Transmit/Receive input A port outputs B port outputs DESCRIPTION 74F(U.L.) HIGH/LOW 3.5/0.115 2.0/0.067 2.0/0.067 150/40 750/106.7 LOAD VALUE HIGH/LOW 70A/70A 40A/40A 40A/40A 3.0mA/24mA 15mA/64mA
NOTE: One (1.0) FAST unit load is defined as: 20A in the High state and 0.6mA in the Low state.
1989 Nov 27
2
853-0381 98171
Philips Semiconductors
Product specification
Octal bus transceiver, inverting (3-State)
74F640
LOGIC SYMBOL
2 3 4 5 6 7 8 9
LOGIC SYMBOL (IEEE/IEC)
19 G3 3EN1(BA) 1 3EN2(AB)
A0 19 1
A1
A2
A3
A4
A5
A6
A7 1
OE T/R
2 3 4 B0 B1 B2 B3 B4 B5 B6 B7 5 18 17 16 15 14 13 12 11 6 7
2
18 17 16 15 14 13 12 11
VCC = Pin 20 GND = Pin 10
SF01140
8 9
SF01141
FUNCTION TABLE
INPUTS OUTPUTS OE L L H H L X Z = = = = T/R L H X Bus B data to Bus A Bus A data to Bus B Z
High voltage level Low voltage level Don't care High impedance "off" state
LOGIC DIAGRAM
A0 2 A1 3 A2 4 A3 5 A4 6 A5 7 A6 8 A7 9
OE 19 1
T/R
18 VCC = GND = Pin 20 Pin 10 B0
17 B1
16 B2
15 B3
14 B4
13 B5
12 B6
11 B7
SF01142
1989 Nov 27
3
Philips Semiconductors
Product specification
Octal bus transceiver, inverting (3-State)
74F640
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL VCC VIN IIN VOUT IO OUT Tamb Tstg Supply voltage Input voltage Input current Voltage applied to output in High output state A0-A7 Current applied to output in Low output state B0-B7 Operating free-air temperature range Storage temperature range 128 0 to +70 -65 to +150 mA C C PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to +VCC 48 UNIT V V mA V mA
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VIH VIL IIK IO OH Supply voltage High-level input voltage Low-level input voltage Input clamp current A0-A7 High-level High level output current B0-B7 A0-A7 IO OL Tamb Low-level Low level output current B0-B7 Operating free-air temperature range 0 64 70 mA C -15 24 mA mA PARAMETER MIN 4.5 2.0 0.8 -18 -3 NOM 5.0 MAX 5.5 V V V mA mA UNIT
1989 Nov 27
4
Philips Semiconductors
Product specification
Octal bus transceiver, inverting (3-State)
74F640
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) LIMITS SYMBOL PARAMETER TEST CONDITIONSNO TAG 10%VCC 5%VCC 10%VCC 5%VCC 10%VCC 5%VCC 10%VCC 5%VCC 0.42 -0.73 MIN 2.4 2.7 2.0 2.0 0.35 0.35 0.50 0.50 0.55 0.55 -1.2 100 1.0 40 -40 70 -70 -60 VCC = MAX T/R = An = 4.5V, OE = GND VCC = MAX T/R = Bn = OE = GND T/R = Bn = GND, OE = 4.5V -100 66 91 78 -150 -225 85 120 102 3.3 TYP
NO TAG
MAX
UNIT V V V V V V V V V A mA A A A A mA A mA mA mA
A0-A7 B0-B7 VO OH High level output voltage High-level B0-B7 B0 B7
VCC = MIN, VIL = MAX MAX, VIH = MIN
IO = -3mA 3mA OH
IO = -15mA 15mA OH
A0-A7 A0 A7 VO OL Low-level Low level output voltage B0-B7 B0 B7 VIK Input clamp voltage Input current at maximum input voltage High-level input current Low-level input current Off-state output current, High level of voltage applied Off-state output current, Low level of voltage applied Short-circuit output currentNO TAG A0-A7 B0-B7 ICCH ICC Supply current (total) ICCL ICCZ OE, T/R A0-A7, B0-B7 OE, T/R only
VCC = MIN, VIL = MAX MAX, VIH = MIN,
IO = 24mA OL
IO = MAX OL
VCC = MIN, II = IIK VCC = 0.0V, VI = 7.0V VCC = 5.5V, VI = 5.5V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V
II
IIH IIL IOZH+IIH IOZL+IIL IOS
NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence of parameter tests, IOS tests should be performed last.
1989 Nov 27
5
Philips Semiconductors
Product specification
Octal bus transceiver, inverting (3-State)
74F640
AC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITION VCC = +5V Tamb = +25C CL = 50pF, RL = 500 MIN tPLH tPHL tPZH tPZL tPHZ tPLZ Propagation delay An to Bn, Bn to An Output Enable time to High or Low level Output Disable time from High or Low level Waveform NO TAG Waveform 3 Waveform 2 Waveform 3 Waveform 2 2.0 1.0 5.5 5.5 2.0 2.0 TYP 4.5 2.5 6.5 7.0 3.5 4.5 MAX 7.0 5.0 10.5 10.5 6.5 7.0 VCC = +5V 10% Tamb = 0C to +70C CL = 50pF, RL = 500 MIN 2.0 1.0 5.0 5.0 1.5 2.0 MAX 8.0 5.5 12.0 11.0 8.0 7.5 ns ns ns UNIT
1989 Nov 27
6
Philips Semiconductors
Product specification
Octal bus transceiver, inverting (3-State)
74F640
AC WAVEFORMS
For all waveforms, VM = 1.5V.
OE An, Bn VM tPHL VM tPLH An, Bn Bn, An VM VM VM VOL+0.3V VM tPZL VM tPLZ
SF00773
SF00204
Waveform 1. Propagation Delay for Inverting Outputs
Waveform 2. 3-State Output Enable Time to Low Level and Output Disable Time from Low Level
OE VM tPZH VM tPHZ VOH-0.3V 0V
VM An, Bn
SF00203
Waveform 3. 3-State Output Enable Time to High Level and Output Disable Time from High Level
TEST CIRCUIT AND WAVEFORMS
VCC 7.0V VIN PULSE GENERATOR RT D.U.T. VOUT RL NEGATIVE PULSE 90% VM 10% tTHL (tf ) CL RL tTLH (tr ) 90% POSITIVE PULSE 10% tTHL (tf ) AMP (V) 90% VM tw 10% 0V tw VM 10% tTLH (tr ) 0V AMP (V)
90%
Test Circuit for Open Collector Outputs SWITCH POSITION TEST tPLZ tPZL All other SWITCH closed closed open
VM
Input Pulse Definition
DEFINITIONS: RL = Load resistor; see AC electrical characteristics for value. CL = Load capacitance includes jig and probe capacitance; see AC electrical characteristics for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns
SF00128
1989 Nov 27
7
Philips Semiconductors
Product specification
Octal bus transceiver, inverting (3-State)
74F640
DIP20: plastic dual in-line package; 20 leads (300 mil)
SOT146-1
1989 Nov 27
8
Philips Semiconductors
Product specification
Octal bus transceiver, inverting (3-State)
74F640
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
1989 Nov 27
9
Philips Semiconductors
Product specification
Octal bus transceiver, inverting (3-State)
74F640
NOTES
1989 Nov 27
10
Philips Semiconductors
Product specification
Octal bus transceiver, inverting (3-State)
74F640
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 10-98 9397-750-05148
Philips Semiconductors
yyyy mmm dd 11


▲Up To Search▲   

 
Price & Availability of N74F640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X